|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SDR623CTS1 Thru SDR626CTS1 1/ DESIGNER'S DATA SHEET SMD1 40A 35nsec 300-600 V Hyper Fast Centertap Rectifier Features: * * * * * * * * Hyper Fast Recovery: 35nsec Maximum 3/ High Surge Rating Low Reverse Leakage Current Low Junction Capacitance Hermetically Sealed Surface Mount Package Gold Eutectic Die Attach Ultrasonic Aluminum Wire Bonds TX, TXV, and S-Level Screening Available 2/ Maximum Ratings SDR623CTS1 SDR624CTS1 SDR625CTS1 SDR626CTS1 Symbol VRRM VRWM VR Io IFSM TOP & TSTG R JC Value 300 400 500 600 40 200 -65 to +200 1.3 2.3 Units Peak Repetitive Reverse Voltage Average Rectified Forward Current 4/ (Resistive Load, 60 Hz Sine Wave, TA = 25 C) Peak Surge Current 5/ (8.3 ms Pulse, Half Sine Wave, TA = 25 C) Operating & Storage Temperature Maximum Total Thermal Resistance Junction to Case 4/ Junction to Case 5/ Volts Amps Amps C C/W Notes: 1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to .25 Amp. 4/ Both Legs Tied Together. 5/ Each Leg. NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: RH0055B DOC Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SDR623CTS1 Thru SDR626CTS1 Symbol TA = 25 C TA = 25 C TA = 100 C TA = -55 C TA = 25 C TA = 100 C VF1 VF2 VF3 VF4 IR1 IR2 tRR CJ Electrical Characteristics, per leg Instantaneous Forward Voltage Drop (IF = 10Adc, Pulse) (IF = 20Adc, Pulse) Instantaneous Forward Voltage Drop (IF = 10Adc, Pulse) Reverse Leakage Current (100% of rated VR, Pulse) Reverse Recovery Time (IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25C) Junction Capacitance (VR = 10VDC, T A = 25C, f = 1MHz) Max 1.35 1.50 1.25 1.45 50 5 35 150 Units VDC VDC A m nsec pF PIN ASSIGNMENT PACKAGE SMD1 SMD1 Outline: Pin 1 Anode Pin 2 Cathode Pin 3 Anode Tolerances Unless Specified- .XX .020" .XXX .010" NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: RH0055B DOC |
Price & Availability of SDR626CTS1 |